Part Number Hot Search : 
20010 A102M TXN625 ON0546 1233M HRW0202B 68050 TS901
Product Description
Full Text Search
 

To Download URY2A102MHD Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  d p d 12.5 5.0 0.6 16 7.5 0.8 18 7.5 0.8 20 10.0 1.0 22 10.0 1.0 25 12.5 1.0 u 1 r 2 y 3 1 4 a 5 2 6 2 7 2 8 m 9 h 10 d 11 configuration capacitance tolerance ( 20%) rated capacitance (2200 f) rated voltage (10v) series name type ( d < 20) 1.5 ( d 20) 2.0 pressure relief vent 15 min 4 min sleeve (p.e.t.) d d + 0.5 max p 0.5 l + max d 12.5 ~ 18 pb-free leadwire pb-free pet sleeve hd 20 ~ 25 rd configuration (mm) ry ru aluminum electrolytic capacitors ry series 12.5mml wide temperature range radial lead type specifications type numbering system (example : 10v 2200f) category temperature range rated voltage range rated capacitance range capacitance tolerance leakage current tan stability at low temperature endurance shelf life marking performance characteristics item 55 ~ +105 c (6.3 ~ 100v), 40 ~ +105 c (160 ~ 400v), 25 ~ +105 c (450v) 6.3 ~ 450v 6.8 ~ 4700f 20% at 120hz, 20 c printed with white color letter on black sleeve. after storing the capacitors under no load at 105 c for 1000 hours, and after performing voltage treatment based on jis c 5101-4 clause 4.1 at 20 c, they will meet the specified value for endurance characteristics listed above. rated voltage (v) 6.3 ~ 100 160 ~ 450 after 1 minute's application of rated voltage, leakage current is not more than 0.03cv or4 (a), whichever is greater. after 2 minutes' application of rated voltage, leakage current is not more than 0.01cv or 3 (a), whichever is greater. after 1 minute's application of rated voltage, i = 0.04cv+100 (a) or less measurement frequency : 120hz after 2000 hours' application of rated voltage at 105 c, capacitors meet the characteristic requirements listed at right. rated voltage (v) tan (max.) 6.3 0.28 10 0.24 16 0.20 25 0.16 35 0.14 50 0.12 63 0.10 100 0.08 160 ~ 350 0.20 400 ~ 450 0.25 for capacitance of more than 1000 f , add 0.02 for every increase of 1000 f . measurement frequency : 120hz, temperature : 20 c leakage current tan capacitance change initial specified value or less 200% or less of initial specified value within 20% of initial value please refer to page 21, 22, 23 about the formed or taped product spec. please refer to page 3 for the minimum order quantity. 12.5mml height. adapted to the rohs directive (2002/95/ec). high temperature dimension table in next page. z 25 ? c / z + 20 ? c z 40 ? c / z + 20 ? c rated voltage ( v) impedance ratio zt / z20 (max.) 450 15 6.3 5 10 10 4 8 16 3 6 25 2 4 35 ~ 50 2 3 63 ~ 100 2 3 250 ~ 350 4 8 400 6 10 160 ~ 200 3 4 please refer to page 21 about the end seal configulation. cat.8100v
330 470 680 1000 2200 3300 4700 331 471 681 102 222 332 472 0j 6.3 1h 50 12.5 12.5 18 12.5 25 12.5 580 730 1200 1v 35 12.5 12.5 18 12.5 22 12.5 420 610 810 450 540 700 rated ripple 1e 25 12.5 12.5 18 12.5 25 12.5 500 770 1170 1c 16 12.5 12.5 25 12.5 520 1000 1a 10 18 12.5 22 12.5 820 1030 12.5 12.5 20 12.5 25 12.5 case size d l (mm) 6.8 10 22 33 6r8 100 220 330 2v 350 16 12.5 18 12.5 25 12.5 75 90 140 2w 450 12.5 12.5 16 12.5 25 12.5 38 47 85 2g 400 16 12.5 20 12.5 25 12.5 65 150 200 10 22 33 47 68 100 220 330 470 100 220 330 470 680 101 221 331 471 1j 63 2f 315 12.5 12.5 18 12.5 22 12.5 400 550 610 2e 250 16 12.5 18 12.5 22 12.5 130 170 190 70 85 120 160 2d 200 12.5 12.5 16 12.5 18 12.5 25 12.5 110 170 230 310 2c 160 12.5 12.5 16 12.5 20 12.5 25 12.5 130 210 280 360 2a 100 12.5 12.5 22 12.5 230 400 12.5 12.5 16 12.5 20 12.5 25 12.5 rated ripple (marms) at 105 c 120hz ry series aluminum electrolytic capacitors dimensions v code code code cap.(f) v cap.(f) v cap.(f) cap.(f) 100 ~ 680 1000 ~ 4700 6.8 ~ 100 6.3 ~ 100 v 160 ~ 450 50hz 120hz 300hz 1 khz 10 khz ~ 0.80 1.00 1.23 1.34 1.50 0.85 1.00 1.10 1.13 1.15 0.80 1.00 1.25 1.40 1.60 frequency frequency coefficient of rated ripple current cat.8100v


▲Up To Search▲   

 
Price & Availability of URY2A102MHD

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X